Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2002 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HSG2002
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2002 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HSG2002 Datasheet HTML 17Page - Renesas Technology Corp HSG2002 Datasheet HTML 18Page - Renesas Technology Corp HSG2002 Datasheet HTML 19Page - Renesas Technology Corp HSG2002 Datasheet HTML 20Page - Renesas Technology Corp HSG2002 Datasheet HTML 21Page - Renesas Technology Corp HSG2002 Datasheet HTML 22Page - Renesas Technology Corp HSG2002 Datasheet HTML 23Page - Renesas Technology Corp HSG2002 Datasheet HTML 24Page - Renesas Technology Corp HSG2002 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
HSG2002
Rev.3.00 Jun 21, 2006 page 23 of 24
S Parameter
(VCE = 3.6 V, IC = 300 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.844
-170.2
54.08
108.2
0.006
54.3
0.682
-146.9
200
0.864
-177.6
31.88
94.6
0.006
44.2
0.684
-163.5
300
0.866
178.6
21.72
89.8
0.008
49.7
0.687
-169.4
400
0.866
175.7
16.32
86.6
0.011
54.5
0.688
-172.4
500
0.866
173.3
13.01
84.1
0.012
58.9
0.689
-174.4
600
0.866
171.1
10.81
82.0
0.014
60.8
0.691
-176.0
700
0.866
169.0
9.23
79.9
0.016
61.4
0.691
-177.2
800
0.866
167.0
8.04
78.1
0.018
62.4
0.693
-178.2
900
0.866
165.0
7.11
76.4
0.019
63.2
0.695
-179.2
1000
0.867
163.2
6.37
74.7
0.021
63.1
0.696
-180.0
1100
0.869
161.4
5.77
73.1
0.023
63.3
0.697
179.4
1200
0.869
159.6
5.26
71.5
0.025
63.5
0.699
178.9
1300
0.868
157.8
4.84
69.9
0.026
63.5
0.701
178.3
1400
0.869
156.1
4.48
68.3
0.028
63.7
0.701
177.7
1500
0.869
154.3
4.16
66.8
0.030
62.5
0.702
177.3
1600
0.870
152.7
3.89
65.4
0.032
61.9
0.704
177.0
1700
0.871
151.1
3.65
64.0
0.034
61.2
0.706
176.4
1800
0.872
149.5
3.43
62.5
0.035
61.0
0.706
175.9
1900
0.873
147.9
3.24
61.0
0.037
60.0
0.705
175.5
2000
0.873
146.3
3.07
59.5
0.039
59.3
0.706
174.9
2100
0.873
144.7
2.91
58.0
0.040
58.7
0.706
174.4
2200
0.875
143.3
2.77
56.6
0.042
58.2
0.707
173.7
2300
0.876
141.7
2.64
55.2
0.043
57.6
0.708
173.1
2400
0.877
140.3
2.51
53.8
0.045
56.8
0.708
172.6
2500
0.878
138.8
2.41
52.3
0.047
55.9
0.710
171.9
2600
0.878
137.3
2.30
50.9
0.048
55.0
0.712
171.3
2700
0.879
135.8
2.21
49.5
0.049
54.5
0.714
170.8
2800
0.880
134.4
2.12
48.1
0.051
53.5
0.715
170.3
2900
0.880
133.0
2.03
46.9
0.052
53.1
0.718
169.9
3000
0.882
131.7
1.96
45.6
0.054
52.2
0.719
169.5
3200
0.883
128.9
1.82
43.0
0.057
51.0
0.721
168.8
3400
0.884
126.1
1.70
40.4
0.059
49.4
0.721
168.2
3600
0.885
123.5
1.60
37.7
0.062
47.7
0.719
167.2
3800
0.885
120.8
1.50
35.1
0.065
45.8
0.716
165.8
4000
0.886
118.1
1.42
32.2
0.067
44.1
0.714
164.0
4200
0.887
115.5
1.34
29.5
0.069
42.4
0.714
162.0
4400
0.888
113.0
1.26
26.9
0.071
40.6
0.717
160.1
4600
0.889
110.4
1.19
24.2
0.072
38.9
0.720
158.5
4800
0.890
108.1
1.12
21.9
0.075
37.4
0.723
157.3
5000
0.891
105.8
1.07
19.6
0.077
35.2
0.725
156.2
5200
0.892
103.3
1.02
17.2
0.079
33.6
0.725
155.0
5400
0.894
101.1
0.97
14.7
0.081
31.4
0.723
153.5
5600
0.896
99.0
0.93
12.1
0.083
29.5
0.721
151.4
5800
0.897
96.7
0.88
9.5
0.084
27.6
0.724
148.9
6000
0.899
94.7
0.84
7.1
0.084
25.6
0.729
146.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com