Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62495AFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62495AFP
Description  TONE CONTROL/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62495AFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62495AFP Datasheet HTML 1Page - Renesas Technology Corp M62495AFP Datasheet HTML 2Page - Renesas Technology Corp M62495AFP Datasheet HTML 3Page - Renesas Technology Corp M62495AFP Datasheet HTML 4Page - Renesas Technology Corp M62495AFP Datasheet HTML 5Page - Renesas Technology Corp M62495AFP Datasheet HTML 6Page - Renesas Technology Corp M62495AFP Datasheet HTML 7Page - Renesas Technology Corp M62495AFP Datasheet HTML 8Page - Renesas Technology Corp M62495AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M62495AFP
Rev.1.00, Jul.24.2003, page 4 of 11
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Symbol
Parameter
Test conditions
Ratings
Unit
VDD-VSS
Supply voltage
6.0
V
K
θ
Thermal derating
Note: 1
5
mW/
°C
Pd
Power dissipation
500
mW
Topr
Operating temperature
−20 to 75
°C
Tstg
Storage temperature
−40 to 125
°C
Note.1 reference PC Board
Size
:70mm
× 70mm
Thickness:1.6mm
Material
:glass epoxy
Thermal derating(maximum rating)
0
0.25
0.5
0.75
0
25
50
75
100
125
150
Copper pattern dimension
Width
:0.25mm
Length
:25 to 30mm/lead
Thickness:18
µm
Ambient temperature Ta [
]
C
Recommended Operating Conditions
Limits
Symbol
Parameter
Pin No.
Condition
min.
typ.
max.
Unit
VDD
Supply voltage (+)
12
2.25
2.5
2.75
V
VSS
Supply voltage (–)
14
–2.75
–2.5
–2.25
CONT
Control date input voltage
13
GND
—
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com