Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62495AFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62495AFP
Description  TONE CONTROL/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62495AFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62495AFP Datasheet HTML 1Page - Renesas Technology Corp M62495AFP Datasheet HTML 2Page - Renesas Technology Corp M62495AFP Datasheet HTML 3Page - Renesas Technology Corp M62495AFP Datasheet HTML 4Page - Renesas Technology Corp M62495AFP Datasheet HTML 5Page - Renesas Technology Corp M62495AFP Datasheet HTML 6Page - Renesas Technology Corp M62495AFP Datasheet HTML 7Page - Renesas Technology Corp M62495AFP Datasheet HTML 8Page - Renesas Technology Corp M62495AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M62495AFP
Rev.1.00, Jul.24.2003, page 2 of 11
Block Diagram
TONEH1
VDD
IND1
INC1
TONEL1
GND
OUT 1
INA1
INB1
INE1
CONT
VSS
TONEH2
OUT 2
IND2
INC2
INA2
INB2
TONEL2
INE2
SELOUT 1
VOLIN 1
SELOUT2
VOLIN2
7
10
11
12
8
9
6
1
2
4
3
17
15
14
19
13
16
18
21
22
23
24
5
20
Mono.SW
MUTE
Control logic
Treble
boost
Bass
boost
Treble
boost
Bass
boost
INPUT SW
14dB
14dB
46k
17.2k
2.48k
2.48k
17.2k
46k
Volume
30k
30k
5k
5k
Auto reset
(Note)
(Note)When power supply voltage(VDD-VSS) under 3.3V(typ),it's fixed in a state
Units Resistance
: ohm
Capacitance : F
of (2) on the page 6/11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com