Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62495AFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62495AFP
Description  TONE CONTROL/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62495AFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62495AFP Datasheet HTML 1Page - Renesas Technology Corp M62495AFP Datasheet HTML 2Page - Renesas Technology Corp M62495AFP Datasheet HTML 3Page - Renesas Technology Corp M62495AFP Datasheet HTML 4Page - Renesas Technology Corp M62495AFP Datasheet HTML 5Page - Renesas Technology Corp M62495AFP Datasheet HTML 6Page - Renesas Technology Corp M62495AFP Datasheet HTML 7Page - Renesas Technology Corp M62495AFP Datasheet HTML 8Page - Renesas Technology Corp M62495AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M62495AFP
Rev.1.00, Jul.24.2003, page 3 of 11
Pin Description
Pin No.
Name
Function
1
IN A1
INPUTs of the channel 1
2IN B1
3
IN C1
4
IN D1
The switch of INE can be controlled independently.
5
IN E1
Please set “ALL OFF” mode when the switch of E is only ON.
6
SELO1
OUTPUT of selectors 1
7
VOLI1
INPUT of volume1
8
TONEH1
Treble control adjustment of the channel 1
9
TONEL1
Bass control adjustment of the channel 1
10
OUT1
OUTPUT of the channel 1
11
GND
Ground
12
VDD
Supply voltage (+)
13
CONT
Control data input from a microcontroller
14
VSS
Supply voltage (–)
15
OUT2
OUTPUT of the channel 2
16
TONEL2
Bass control adjustment of the channel 2
17
TONEH2
Treble control adjustment of the channel 2
18
VOLI2
INPUT of volume2
19
SELO2
OUTPUT of selectors 2
20
IN E2
The switch of INE can be controlled independently.
21
IN D2
Please set “ALL OFF” mode when the switch of E is only ON.
22
IN C2
23
IN B2
INPUTs of the channel 2
24
IN A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com