Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62495AFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62495AFP
Description  TONE CONTROL/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62495AFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62495AFP Datasheet HTML 4Page - Renesas Technology Corp M62495AFP Datasheet HTML 5Page - Renesas Technology Corp M62495AFP Datasheet HTML 6Page - Renesas Technology Corp M62495AFP Datasheet HTML 7Page - Renesas Technology Corp M62495AFP Datasheet HTML 8Page - Renesas Technology Corp M62495AFP Datasheet HTML 9Page - Renesas Technology Corp M62495AFP Datasheet HTML 10Page - Renesas Technology Corp M62495AFP Datasheet HTML 11Page - Renesas Technology Corp M62495AFP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
M62495AFP
Rev.1.00, Jul.24.2003, page 8 of 11
Test Circuit
7
10
11
12
8
9
6
1
2
4
3
17
15
14
19
13
16
18
21
22
23
24
5
20
Mono.SW
MUTE
Control logic
Treble
boost
Bass
boost
Treble
boost
Bass
boost
INPUT SW
14dB
14dB
46k
17.2k
2.48k
2.48k
17.2k
46k
Volume
30k
30k
5k
5k
Auto reset
(Note)
5.1k
5.1k
5.1k
5.1k
5.1k
1
2
4
3
5
10
µ
0.47
µ
2.2K
0.015
µ
0.015
µ
6
430
10K
10
µ
+
12
VDD
10
Units Resistance :ohm
Capacitance: F
Signal
generator
5.1k
5.1k
5.1k
5.1k
5.1k
24
23
21
22
20
10
µ
0.47
µ
2.2K
0.015
µ
0.015
µ
19
430
10K
10
µ
14
VSS
15
1
µ
A
1
µ
1
2
(Note)When power supply voltage(VDD-VSS) under 3.3V(typ),it's fixed in a state
of (2) on the page 6/11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com