Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62495AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M62495AFP
Description  TONE CONTROL/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62495AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M62495AFP Datasheet HTML 2Page - Renesas Technology Corp M62495AFP Datasheet HTML 3Page - Renesas Technology Corp M62495AFP Datasheet HTML 4Page - Renesas Technology Corp M62495AFP Datasheet HTML 5Page - Renesas Technology Corp M62495AFP Datasheet HTML 6Page - Renesas Technology Corp M62495AFP Datasheet HTML 7Page - Renesas Technology Corp M62495AFP Datasheet HTML 8Page - Renesas Technology Corp M62495AFP Datasheet HTML 9Page - Renesas Technology Corp M62495AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M62495AFP
Rev.1.00, Jul.24.2003, page 6 of 11
Control Data Format
*It’s necessary to set up the all control data after power on.
(1) INPUT DATA
(a)Master volume
D21
D31
00
0
D41
ATT
D51
0
10
0
0
10
0
0
0
0
00
1
0
0
10
1
0
0
11
1
0
0
00
0
1
0
10
0
1
0
01
0
1
0
11
0
1
0
00
1
1
0
10
1
1
0
01
1
1
11
1
1
0
0
00
0
0
1
10
0
0
1
01
0
0
1
11
0
0
1
00
1
0
1
10
1
0
1
01
1
0
1
11
1
0
1
1
10
0
0
0
01
1
0
0
00
0
1
1
-76.0dB
-72.0dB
-64.0dB
-68.0dB
-60.0dB
-56.0dB
-52.0dB
-48.0dB
-44.0dB
-40.0dB
-36.0dB
-34.0dB
-32.0dB
-30.0dB
-28.0dB
-26.0dB
-24.0dB
-22.0dB
-20.0dB
-18.0dB
-16.0dB
-14.0dB
-12.0dB
-10.0dB
-8.0dB
-6.0dB
-4.0dB
-2.0dB
-0.0dB
10
0
1
1
01
0
1
1
11
0
1
1
00
1
1
1
10
1
1
1
01
1
1
1
11
1
1
1
D61
-80.0dB
-84.0dB
Input select
(b) Input select
D01
D11
IN A
IN B
IN C
IN D
00
0
0
1
1
1
1
Mode
(d)Mode control
D02
D12
stereo
00
0
0
1
1
1
1
mono1 only
mono2 only
mono1+2
Treble
(e)Treble control
D52 D62
0dB
3dB
00
0
0
1
1
11
6dB
9dB
Bass
(f)Bass control
D22
D32
00
0
0
1
1
11
0
0
1
1
11
D42
0dB
3dB
6dB
9dB
12dB
15dB
18dB
21dB
0
0
0
0
1
1
1
1
0
0
D72
IN E
off
A: 0
0
B: 1
0
C: 0
1
D: 1
1
IN E
on
IN A-D
select
**
D71
1
0
0
1
0
1 *1
*2
*1) The input impedance is about 5k as input INE.
*2) INE can be controlled independently.
It can be used as Rec output.
IN A to D all OFF
Chip/Slot
(c)Chip/Slot control
D81
D91
slot1
0
0
0
0
1
1
11
no select
Input order
Slot1
(MSB)
D01
D11
D2 to D6:(a)Master volume
condition
Mode select
0:stereo
1:mono1 only
2:mono2 only
3:mono1+2
Treble(boost)
0:0dB,1:3dB
2:6dB,3:9dB
Bass(boost)
0:0dB, 1:3dB,
2:6dB, 3:9dB,
4:12dB, 5:15dB,
6:18dB, 7:21dB
CHIP/SLOT SELECT
0:select
1:no select
2:no select
3:no select
MUTE
INE
D41
D51
D61
D71
D81
D91
0:OFF
1:ON
ON/OFF
ON/OFF
0:OFF
1:ON
(INPUT ALL
OFF)
D21
D31
INPUT
0:IN A
1:IN B
2:IN C
3:IN D
D02
D12
D42
D52
D62
D72
D82
D92
D22
D32
Slot2
CHIP/SLOT SELECT
0:no select
1:no select
2:no select
3:select
no select
the infinitesimal
slot2
Parameter
Condition
ALL OFF
ON(Input ALLOFF)
stereo
ON
Input select
Master volume
MUTE
Mode select
Bass
Treble
IN E
0dB
0dB
the infinitesimal
(2)Power-on condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com