Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62495AFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62495AFP
Description  TONE CONTROL/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62495AFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62495AFP Datasheet HTML 1Page - Renesas Technology Corp M62495AFP Datasheet HTML 2Page - Renesas Technology Corp M62495AFP Datasheet HTML 3Page - Renesas Technology Corp M62495AFP Datasheet HTML 4Page - Renesas Technology Corp M62495AFP Datasheet HTML 5Page - Renesas Technology Corp M62495AFP Datasheet HTML 6Page - Renesas Technology Corp M62495AFP Datasheet HTML 7Page - Renesas Technology Corp M62495AFP Datasheet HTML 8Page - Renesas Technology Corp M62495AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M62495AFP
Rev.1.00, Jul.24.2003, page 5 of 11
Control Signals Specification
(1) Wave form
tr
tf
t
or
t
WL
(CLOCK,
DATA,
STROBE)
Dn+1
Dn+0
Dn+8
2.5V
0V
1.25V
2.5V
DATA:L
DATA:H
Threshold of the internal
STROBE.
Threshold of the internal
DATA(H/L)
H
M
L
Dn+9
t
WH
t
WH
tr
tf
tr
Threshold of
the internal CLOCK.
The internal DATA latch at the falling edges of this clock signal.
t
WH
(2) Voltage control signal
Limits
Digital input signal
Condition
min.
typ.
max.
Unit
L signal
L
VDD = 2.5 V, VSS = –2.5 V
GND
—
0.4
V
M signal
M
VDD = 2.5 V, VSS = –2.5 V
1.0
1.25
(VDD/2)
1.5
H signal
H
VDD = 2.5 V, VSS = –2.5 V
2.1
—
VDD
(3) Timing control signal
Limits
Symbol
Parameter
min
typ
max
Unit
tcr
Cycle time of digital signal
8
µsec
tWH
Pulse width of digital signal (“H”level)
3.6

tWLC
Pulse width of digital signal (“L”level)
3.6

tr
Rise time of digital signal

0.4
tf
Fall time of digital signal

0.4
(4) Control signal example (Refer to page 6 on the control data)
An example of the mode control
INPUT
:INA
STEREO,VOLUME :0dB
BASS
:18dB
TREBLE
:6dB
RECONT
:ON
MUTE
:OFF
D02 D12 D22D32 D42 D52 D62 D72 D82 D92
D01 D11 D21 D31 D41 D51 D61 D71 D81 D91STROBE
2.5V
STROBE
D'01
(LSB)
(MSB)
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com