Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62495AFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62495AFP
Description  TONE CONTROL/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62495AFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62495AFP Datasheet HTML 3Page - Renesas Technology Corp M62495AFP Datasheet HTML 4Page - Renesas Technology Corp M62495AFP Datasheet HTML 5Page - Renesas Technology Corp M62495AFP Datasheet HTML 6Page - Renesas Technology Corp M62495AFP Datasheet HTML 7Page - Renesas Technology Corp M62495AFP Datasheet HTML 8Page - Renesas Technology Corp M62495AFP Datasheet HTML 9Page - Renesas Technology Corp M62495AFP Datasheet HTML 10Page - Renesas Technology Corp M62495AFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M62495AFP
Rev.1.00, Jul.24.2003, page 7 of 11
Electrical Characteristics
(VDD =2.5 V, VSS = –2.5 V, f =1 kHz, RL = 10 K, Vi =20 mV(rms), Ta = 25°C, unless otherwise noted)
Units
Symbol
Parameter
Condition
min.
typ.
max.
Unit
IDD
Circuit current of positive
power supply
Quiescent
—
9
20
mA
ISS
Circuit current of negative
power supply
Quiescent
—
–9
–20
mA
Gv1
Voltage gain
(selector)
1-5 pin – 10 pin gain RL = 10 k
24-20 pin – 19 pin gain
12
14
16
dB
Gv2
Voltage gain
(output tone bass boost)
7 pin – 10 pin gain RL = 10 k
18 pin – 19 pin gain
16
18
20
dB
Vomax
Maximum output voltage
RL = 10 k, THD = 1%
1.2
1.6
—
Vrms
THD
Total harmonic distortion
BW = 400 to 30 kHz
—
0.02
0.08
%
No1
Output noise voltage
JIS-A, Rg = 5.1 k,
—
72
180
µVrms
No2
JIS-A, 7 pin 18 pin Rg = 0
—
15
38
µVrms
ATTmax
Maximum attenuation
Output reference level (Vo = 1 Vrms),
ATT = the infinitesimal, JIS-A
—
–95
–90
dB
GB1
3 dB
1.5
3
4.5
GB2
6 dB
4.5
6
7.5
GB3
9 dB
7.5
9
10.5
GB4
12 dB
10.5
12
13.5
GB5
15 dB
13.5
15
16.5
GB6
18 dB
16.5
18
19.5
GB7
Bass boost
21 dB
f = 1 kHz,
Vo = 80 mVrms
19.5
21
22.5
GT1
3 dB
1.5
3
4.5
GT2
6 dB
4.5
6
7.5
GT3
Treble boost
9 dB
f = 1 kHz,
Vo = 80 mVrms
7.5
9
10.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com