Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62495AFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62495AFP
Description  TONE CONTROL/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62495AFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62495AFP Datasheet HTML 1Page - Renesas Technology Corp M62495AFP Datasheet HTML 2Page - Renesas Technology Corp M62495AFP Datasheet HTML 3Page - Renesas Technology Corp M62495AFP Datasheet HTML 4Page - Renesas Technology Corp M62495AFP Datasheet HTML 5Page - Renesas Technology Corp M62495AFP Datasheet HTML 6Page - Renesas Technology Corp M62495AFP Datasheet HTML 7Page - Renesas Technology Corp M62495AFP Datasheet HTML 8Page - Renesas Technology Corp M62495AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.1.00, Jul.24.2003, page 1 of 11
M62495AFP
TONE CONTROL/VOLUME CONTROL
REJ03F0007-0100Z
Rev.1.00
Jul.24.2003
Description
The M62495AFP is the sound controller IC developed mini-stereo, general audio equipment.
By serial data from microcomputer, it can realize sound controller of selector and 2 band tone control easily.
Features
• Input selector (4 mode)
• Volume (0 to –84 dB, the infinitesimal)
• REC OUT (on/off SW) or MIC mixing
• 20 dB amp
• Tone control (Bass/Treble)
• Stereo/mono. SW
Recommended Operating Conditions
• Supply voltage range :VDD = +2.25 to +2.75 V (typ. +2.5 V)
:VSS = –2.25 to –2.75 V (typ. –2.5 V)
Application
• Mini-stereo Set, Audio Equipment
System Block Diagram
2band-tone
Electronic
vol
Electronic
vol
4-mode
selector
(stereo/
mono
SW)
TAPE
TUNER
CD
AUX
TAPE
TUNER
CD
AUX
CH2 INPUT
CH1 INPUT
REC OUT1
REC OUT2
ALC
MIC
VOLUME
MIC AMP
MIC
POWERAMP
SPEAKER
2band-tone
M62495AFP


Similar Part No. - M62495AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
TONE CONTROL/VOLUME CONTROL
More results

Similar Description - M62495AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
NXP Semiconductors
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
Stereo-tone/volume control circuit
September 1987
logo
Mitsubishi Electric Sem...
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
TONE CONTROL/VOLUME CONTROL
M61500FP RENESAS-M61500FP Datasheet
141Kb / 13P
Tone Control/Volume Control
M61503FP RENESAS-M61503FP Datasheet
157Kb / 14P
Tone Control/Volume Control
M61509FP RENESAS-M61509FP Datasheet
170Kb / 14P
QXpander built-in, Tone control, Volume control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com