Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62495AFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M62495AFP
Description  TONE CONTROL/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62495AFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M62495AFP Datasheet HTML 4Page - Renesas Technology Corp M62495AFP Datasheet HTML 5Page - Renesas Technology Corp M62495AFP Datasheet HTML 6Page - Renesas Technology Corp M62495AFP Datasheet HTML 7Page - Renesas Technology Corp M62495AFP Datasheet HTML 8Page - Renesas Technology Corp M62495AFP Datasheet HTML 9Page - Renesas Technology Corp M62495AFP Datasheet HTML 10Page - Renesas Technology Corp M62495AFP Datasheet HTML 11Page - Renesas Technology Corp M62495AFP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
M62495AFP
Rev.1.00, Jul.24.2003, page 10 of 11
Application Example
7
10
11
12
8
9
6
1
2
4
3
17
15
14
19
13
16
18
21
22
23
24
5
20
Mono.SW
MUTE
Control logic
Treble
boost
Bass
boost
Treble
boost
Bass
boost
INPUT SW
14dB
14dB
46k
17.2k
2.48k
2.48k
17.2k
46k
Volume
30k
30k
5k
5k
VDD=2.5V
+
Units Resistance :ohm
Capacitance: F
micro
computor
10
µ
10
µ
0.033
µ
2.2K
0.22
µ
0.22
µ
430
RL=10k
MIN
10
µ
+
1.5k
47k
10
µ
+
1.5k
47k
10
µ
+
1.5k
47k
10
µ
+
1.5k
47k
10
µ
+
1.5k
47k
10
µ
+
10
µ
effect
block
INA1
INB1
INC1
IND1
+
47k
10
µ
OUT1
10
µ
0.033
µ
2.2K
0.22
µ
0.22
µ
10
µ
RL=10k
MIN
10
µ
1.5k
47k
10
µ
1.5k
47k
10
µ
1.5k
47k
10
µ
1.5k
47k
10
µ
1.5k
47k
10
µ
10
µ
effect
block
INA2
INB2
INC2
IND2
47k
10
µ
OUT2
430
10p
12K
10K
2.2K
Triad-state output
VSS=-2.5V
REC
OUT2
INE2
REC
OUT1
INE1
There's possibility
to oscillate by a
capacitance load.
We recommended the
resistor to protect
oscillation.
(Note) When power supply voltage (VDD-VSS) under 3.3V(typ), it's fixed in a state
of (2) on the page 6/11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com