Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62495AFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M62495AFP
Description  TONE CONTROL/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62495AFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M62495AFP Datasheet HTML 4Page - Renesas Technology Corp M62495AFP Datasheet HTML 5Page - Renesas Technology Corp M62495AFP Datasheet HTML 6Page - Renesas Technology Corp M62495AFP Datasheet HTML 7Page - Renesas Technology Corp M62495AFP Datasheet HTML 8Page - Renesas Technology Corp M62495AFP Datasheet HTML 9Page - Renesas Technology Corp M62495AFP Datasheet HTML 10Page - Renesas Technology Corp M62495AFP Datasheet HTML 11Page - Renesas Technology Corp M62495AFP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
M62495AFP
Rev.1.00, Jul.24.2003, page 9 of 11
Function Description
IN
OUT
Gv = 20log
R2
C1
C2
R1
R2+R3
R1
+2
+2
Fo =
2
π
R1(R2+R3)C1C2
1
Q=
C1+C2
1
C1C2R2
R1
R3
R3
R1
(1) Equivalent circuit of the bass boost
9,16
10,15
TONEL
R2,R3 (typical)
3dB
6dB
9dB 12dB 15dB 18dB 21dB
R2
R3
(k)
15.4
30.6
25.7
20.3
32.9
13.1
38.7
7.3
41.6
4.4
44.2
1.8
46
0
IN
R2
C1
R1
R3
(2) Equivalent circuit of the treble boost
8,17
TONEH
OUT
Gv = 20log
R1+ { (R2+Zc)//R3 }
(R2+Zc) // R3
(dB)
(Hz)
(dB)
R2 (typical)
Bass boost
R2 (k)
Treble boost
3dB
6dB
9dB
5.3
2.2
1.2
(C1 = C2)
Resistor
j
ωC1
Zc =
1
(ohm)
2
π • R2 • C1
1
(Hz)
•
Fc =
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com