Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 690 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 690 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 686Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 687Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 688Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 689Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 690Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 691Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 692Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 693Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 694Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 1158 page
background image
Section 13 32K Timer (TM32K)
Rev.1.00 Jun. 07, 2006 Page 638 of 1102
REJ09B0294-0100
13.2
Register Descriptions
The TM32K has the following registers.
• Timer counter (TCNT32K)
• Timer control register (TCR32K)
13.2.1
Timer Counter (TCNT32K)
TCNT32K is an 8-bit readable up-counter. When the TME bit in the timer control register
(TCR32K) is 0, TCNT32K is initialized to H'00.
Bit:
Bit Name:
Initial value:
R/W:
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
2
0
R
1
0
R
0
0
R
Note:
A correct value cannot be read if the counter is read while the 32-kHz oscillator is not in
operation (OSC32STP
= 1).
13.2.2
Time Control Register (TCR32K)
TCR32K enables the timer, stops the 32K oscillator, and selects the clock source to be input to
TCNT32K.
Bit:
BIt Name:
Initial Value:
R/W:
7
1
R
6
1
R
5
TME
0
R/W
4
1
R
3
1
R
2
OSC32STP
0
R/W
1
CKS1
0
R/W
0
CKS0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
6
1
1
R
R
Reserved
These bits are always read as 1 and cannot be modified.
5
TME
0
R/W
Timer Enable
When this bit is set to 1, TCNT32K starts counting. When
this bit is cleared, TCNT32K stops counting and is
initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com