Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 692 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 692 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 688Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 689Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 690Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 691Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 692Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 693Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 694Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 695Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 696Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 1158 page
background image
Section 13 32K Timer (TM32K)
Rev.1.00 Jun. 07, 2006 Page 640 of 1102
REJ09B0294-0100
13.4
Interrupt Source
Overflows of the 32K timer generate a 32K timer interrupt (32KOVI) that lasts for three clocks of
32 kHz. Since 32KOVI is internally connected to IRQ15, the IRQ15F bit is set to 1 when an
interrupt is generated. For the IRQ15 setting, select an interrupt request generated at the falling
edge with ISCR.
Table 13.1
TM32K Interrupt Source
Name
Interrupt Source
Interrupt Flag
DTC Activation
32KOVI
TCNT32K overflow
IRQ15F
Impossible
13.5
Usage Notes
13.5.1
Changing Values of Bits CKS1 and CKS0
If bits CKS1 and CKS0 in TCR32K are written to while the TM32K is operating, errors could
occur in the incrementation. The TM32K must be stopped (the TME bit is set to 0) before the
values of bits CKS1 and CKS0 are changed.
13.5.2
Usage Notes on 32K Timer
• The 32K timer does not operate when the OSC32STP bit is set to 1. Always set the
OSC32STP bit to 0 when starting the 32K timer.
• When the OSC32STP bit has been changed from 1 to 0, allow enough time to ensure settling
of the oscillation by the 32-kHz oscillator.
13.5.3
Note on Reading Timer Counter
A counter read value is undefined during one clock of 32 kHz immediately after returning from
software standby. Wait one clock of 32 kHz when reading the timer counter.
13.5.4
Note on Register Initialization
TCR32K and TCNT32K of the 32K timer are initialized in hardware standby mode or in the pin
reset state. These registers are not initialized by a reset caused by a watchdog timer overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com