Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 695 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 695 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 691Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 692Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 693Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 694Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 695Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 696Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 697Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 698Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 699Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 695 / 1158 page
background image
Section 14 Watchdog Timer (WDT)
Rev.1.00 Jun. 07, 2006 Page 643 of 1102
REJ09B0294-0100
14.3
Register Descriptions
The WDT has the following three registers. To prevent accidental overwriting, TCSR, TCNT, and
RSTCSR have to be written to in a method different from normal registers. For details, see section
14.6.1, Notes on Register Access.
• Timer counter (TCNT)
• Timer control/status register (TCSR)
• Reset control/status register (RSTCSR)
14.3.1
Timer Counter (TCNT)
TCNT is an 8-bit readable/writable up-counter. TCNT is initialized to H'00 when the TME bit in
TCSR is cleared to 0.
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W
14.3.2
Timer Control/Status Register (TCSR)
TCSR selects the clock source to be input to TCNT, and the timer mode.
Bit
Bit Name
Initial Value
R/W
Note:
* Only 0 can be written to this bit, to clear the flag.
7
OVF
0
R/(W)*
6
WT/
IT
0
R/W
5
TME
0
R/W
4
1
R
3
1
R
2
CKS2
0
R/W
1
CKS1
0
R/W
0
CKS0
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com