Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 691 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 691 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 687Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 688Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 689Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 690Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 691Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 692Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 693Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 694Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 695Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 691 / 1158 page
background image
Section 13 32K Timer (TM32K)
Rev.1.00 Jun. 07, 2006 Page 639 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
4
3
1
1
R
R
Reserved
These bits are always read as 1 and cannot be modified.
2
OSC32STP*
0
R/W
32-kHz Oscillator Stop
0: Starts the 32-kHz oscillator
1: Stops the 32-kHz oscillator
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1, 0
Select the clock source to be input to TCNT32K. The
overflow cycle for SUBCK = 32.768 kHz is indicated in
parentheses.
00: Clock SUBCK/32 (cycle: 250 ms)
01: Clock SUBCK/64 (cycle: 500 ms)
10: Clock SUBCK/128 (cycle: 1 s)
11: Clock SUBCK/512 (cycle: 2 s)
Note:
*
When the CK32K bit in SUBCKCR is 1, 1 cannot be written to this bit.
13.3
Operation
Setting 1 to the TME bit in TCR32K starts the count-up operation.
A 32K timer interrupt (32KOVI) is generated each time TCNT32K overflows. Therefore, an
interrupt can be generated at intervals with a cycle determined by the clock select bits 0 and 1.
H'FF
H'00
32KOVI
Time
32KOVI
32KOVI
32KOVI
32KOVI: 32K timer interrupt
32KOVI
Overflow
TCNT32K value
3 clocks of 32K
φ
Overflow
Overflow
Overflow
TME = 1
Figure 13.2 32K Timer Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com