Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1000 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1000 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 996Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 997Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 998Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 999Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1000Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1001Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1002Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1003Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1004Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1000 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 948 of 1102
REJ09B0294-0100
(a) User MAT Programming Selection
The boot program will transfer a program for user MAT programming selection. The data is
programmed to the user MATs by the transferred program for programming.
Command
H'43
• Command, H'43, (one byte): User-program programming selection
Response
H'06
• Response, H'06, (one byte): Response to user-program programming selection
When the programming program has been transferred, the boot program will return ACK.
Error Response
H'C3
ERROR
• Error response : H'C3 (1 byte): Error response to user-program programming selection
• ERROR : (1 byte): Error code
H'54: Selection processing error (transfer error occurs and processing is not completed)
(b) 128-Byte Programming
The boot program will use the programming program transferred by the programming selection to
program the user MATs in response to 128-byte programming.
Command
H'50
Address
Data
···
···
SUM
• Command, H'50, (one byte): 128-byte programming
• Programming Address (four bytes): Start address for programming
Multiple of the size specified in response to the programming unit inquiry
(i.e. H'00, H'01, H'00, H'00 : H'01000000)
• Program data (128 bytes): Data to be programmed
The size is specified in the response to the programming unit inquiry.
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to 128-byte programming
On completion of programming, the boot program will return ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com