Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1002 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1002 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 998Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 999Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1000Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1001Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1002Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1003Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1004Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1005Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1006Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1002 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 950 of 1102
REJ09B0294-0100
(c)
Erasure Selection
The boot program will transfer the erasure program. User MAT data is erased by the transferred
erasure program.
Command
H'48
• Command, H'48, (one byte): Erasure selection
Response
H'06
• Response, H'06, (one byte): Response for erasure selection
After the erasure program has been transferred, the boot program will return ACK.
Error Response
H'C8
ERROR
• ERROR: (one byte): Error code
H'54: Selection processing error (transfer error occurs and processing is not completed)
(d) Block Erasure
The boot program will erase the contents of the specified block.
Command
H'58
Size
Block number
SUM
• Command, H'58, (one byte): Erasure
• Size (one byte): The number of bytes that represents the erase block number
This is fixed to 1.
• Block number (one byte): Number of the block to be erased
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to Erasure
After erasure has been completed, the boot program will return ACK.
Error Response
H'D8
ERROR
• Error Response, H'D8, (one byte): Response to Erasure
• ERROR (one byte): Error code
H'11:
Sum check error
H'29:
Block number error
Block number is incorrect.
H'51:
Erasure error
An error has occurred during erasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com