Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1001 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1001 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 997Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 998Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 999Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1000Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1001Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1002Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1003Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1004Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1005Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1001 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 949 of 1102
REJ09B0294-0100
Error Response
H'D0
ERROR
• Error response, H'D0, (one byte): Error response for 128-byte programming
• ERROR: (one byte): Error code
H'11: Checksum Error
H'2A: Address error
The address is not in the specified MAT.
H'53: Programming error
A programming error has occurred and programming cannot be continued.
The specified address should match the unit for programming of data. For example, when the
programming is in 128-byte units, the lower eight bits of the address should be H'00 or H'80.
When there are less than 128 bytes of data to be programmed, the host should fill the rest with
H'FF.
Sending the 128-byte programming command with the address of H'FFFFFFFF will stop the
programming operation. The boot program will interpret this as the end of the programming and
wait for selection of programming or erasing.
Command
H'50
Address
SUM
• Command, H'50, (one byte): 128-byte programming
• Programming Address (four bytes): End code is H'FF, H'FF, H'FF, H'FF.
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to 128-byte programming
On completion of programming, the boot program will return ACK.
Error Response
H'D0
ERROR
• Error Response, H'D0, (one byte): Error response for 128-byte programming
• ERROR: (one byte): Error code
H'11: Checksum error
H'53: Programming error
An error has occurred in programming and programming cannot be continued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com