Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1049 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1049 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1045Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1046Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1047Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1048Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1049Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1050Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1051Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1052Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1053Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1049 / 1158 page
background image
Section 24 List of Registers
Rev.1.00 Jun. 07, 2006 Page 997 of 1102
REJ09B0294-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Interrupt select register 0
ISR0
8
H'FEE08
USB
8
3P
φ/3Pφ
Interrupt select register 1
ISR1
8
H'FEE09
USB
8
3P
φ/3Pφ
Interrupt select register 2
ISR2
8
H'FEE0A
USB
8
3P
φ/3Pφ
EP0i data register
EPDR0i
8
H'FEE0C
USB
8
3P
φ/3Pφ
EP0o data register
EPDR0o
8
H'FEE0D
USB
8
3P
φ/3Pφ
EP0s data register
EPDR0s
8
H'FEE0E
USB
8
3P
φ/3Pφ
EP1 data register
EPDR1
8
H'FEE10
USB
8
3P
φ/3Pφ
EP2 data register
EPDR2
8
H'FEE14
USB
8
3P
φ/3Pφ
EP3 data register
EPDR3
8
H'FEE18
USB
8
3P
φ/3Pφ
EP0o receive data size register
EPSZ0o
8
H'FEE24
USB
8
3P
φ/3Pφ
EP1 receive data size register
EPSZ1
8
H'FEE25
USB
8
3P
φ/3Pφ
Data status register
DASTS
8
H'FEE27
USB
8
3P
φ/3Pφ
FIFO clear register
FCLR
8
H'FEE28
USB
8
3P
φ/3Pφ
Endpoint stall register
EPSTL
8
H'FEE2A
USB
8
3P
φ/3Pφ
Trigger register
TRG
8
H'FEE2C
USB
8
3P
φ/3Pφ
DMA transfer setting register
DMA
8
H'FEE2D
USB
8
3P
φ/3Pφ
Configuration value register
CVR
8
H'FEE2E
USB
8
3P
φ/3Pφ
Control register
CTLR
8
H'FEE2F
USB
8
3P
φ/3Pφ
Endpoint information register
EPIR
8
H'FEE32
USB
8
3P
φ/3Pφ
Transceiver testregister0
TRNTREG00
8
H'FEE44
USB
8
3P
φ/3Pφ
Transceiver testregister1
TRNTREG1
8
H'FEE45
USB
8
3P
φ/3Pφ
Port M data direction register
PMDDR
8
H'FEE50
I/O port
8
3P
φ/3Pφ
Port M data register
PMDR
8
H'FEE51
I/O port
8
3P
φ/3Pφ
Port M register
PORTM
8
H'FEE52
I/O port
8
3P
φ/—
Port M input buffer control register
PMICR
8
H'FEE53
I/O port
8
3P
φ/3Pφ
Serial mode register_5
SMR_5
8
H'FF600
SCI_5
8
3P
φ/3Pφ
Bit rate register_5
BRR_5
8
H'FF601
SCI_5
8
3P
φ/3Pφ
Serial control register_5
SCR_5
8
H'FF602
SCI_5
8
3P
φ/3Pφ
Transmit data register_5
TDR_5
8
H'FF603
SCI_5
8
3P
φ/3Pφ
Serial status register_5
SSR_5
8
H'FF604
SCI_5
8
3P
φ/3Pφ
Receive data register_5
RDR_5
8
H'FF605
SCI_5
8
3P
φ/3Pφ
Smart card mode register_5
SCMR_5
8
H'FF606
SCI_5
8
3P
φ/3Pφ
Serial extended mode register_5
SEMR_5
8
H'FF608
SCI_5
8
3P
φ/3Pφ
IrDA control register
IrCR
8
H'FF60C
SCI_5
8
3P
φ/3Pφ
Serial mode register_6
SMR_6
8
H'FF610
SCI_6
8
3P
φ/3Pφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com