Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1051 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1051 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1047Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1048Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1049Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1050Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1051Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1052Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1053Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1054Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1055Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1051 / 1158 page
background image
Section 24 List of Registers
Rev.1.00 Jun. 07, 2006 Page 999 of 1102
REJ09B0294-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Port H input buffer control register
PHICR
8
H'FFBAC
I/O port
8
2P
φ/2Pφ
Port I input buffer control register
PIICR
8
H'FFBAD
I/O port
8
2P
φ/2Pφ
Port D pull-up MOS control register
PDPCR
8
H'FFBB4
I/O port
8
2P
φ/2Pφ
Port E pull-up MOS control register
PEPCR
8
H'FFBB5
I/O port
8
2P
φ/2Pφ
Port F pull-up MOS control register
PFPCR
8
H'FFBB6
I/O port
8
2P
φ/2Pφ
Port H pull-up MOS control register
PHPCR
8
H'FFBB8
I/O port
8
2P
φ/2Pφ
Port I pull-up MOS control register
PIPCR
8
H'FFBB9
I/O port
8
2P
φ/2Pφ
Port 2 open-drain control register
P2ODR
8
H'FFBBC
I/O port
8
2P
φ/2Pφ
Port F open-drain control register
PFODR
8
H'FFBBD
I/O port
8
2P
φ/2Pφ
Port function control register 0
PFCR0
8
H'FFBC0
I/O port
8
2P
φ/3Pφ
Port function control register 1
PFCR1
8
H'FFBC1
I/O port
8
2P
φ/3Pφ
Port function control register 2
PFCR2
8
H'FFBC2
I/O port
8
2P
φ/3Pφ
Port function control register 4
PFCR4
8
H'FFBC4
I/O port
8
2P
φ/3Pφ
Port function control register 6
PFCR6
8
H'FFBC6
I/O port
8
2P
φ/3Pφ
Port function control register 7
PFCR7
8
H'FFBC7
I/O port
8
2P
φ/3Pφ
Port function control register 9
PFCR9
8
H'FFBC9
I/O port
8
2P
φ/3Pφ
Port function control register B
PFCRB
8
H'FFBCB
I/O port
8
2P
φ/3Pφ
Port function control register C
PFCRC
8
H'FFBCC
I/O port
8
2P
φ/3Pφ
Software standby release IRQ enable
register
SSIER
16
H'FFBCE
INTC
8
2P
φ/3Pφ
DMA source address register_0
DSAR_0
32
H'FFC00
DMAC_0
16
2I
φ/2Iφ
DMA destination address register_0
DDAR_0
32
H'FFC04
DMAC_0
16
2I
φ/2Iφ
DMA offset register_0
DOFR_0
32
H'FFC08
DMAC_0
16
2I
φ/2Iφ
DMA transfer count register_0
DTCR_0
32
H'FFC0C
DMAC_0
16
2I
φ/2Iφ
DMA block size register_0
DBSR_0
32
H'FFC10
DMAC_0
16
2I
φ/2Iφ
DMA mode control register_0
DMDR_0
32
H'FFC14
DMAC_0
16
2I
φ/2Iφ
DMA address control register_0
DACR_0
32
H'FFC18
DMAC_0
16
2I
φ/2Iφ
DMA source address register_1
DSAR_1
32
H'FFC20
DMAC_1
16
2I
φ/2Iφ
DMA destination address register_1
DDAR_1
32
H'FFC24
DMAC_1
16
2I
φ/2Iφ
DMA offset register_1
DOFR_1
32
H'FFC28
DMAC_1
16
2I
φ/2Iφ
DMA transfer count register_1
DTCR_1
32
H'FFC2C
DMAC_1
16
2I
φ/2Iφ
DMA block size register_1
DBSR_1
32
H'FFC30
DMAC_1
16
2I
φ/2Iφ
DMA mode control register_1
DMDR_1
32
H'FFC34
DMAC_1
16
2I
φ/2Iφ
DMA address control register_1
DACR_1
32
H'FFC38
DMAC_1
16
2I
φ/2Iφ
DMA source address register_2
DSAR_2
32
H'FFC40
DMAC_2
16
2I
φ/2Iφ
DMA destination address register_2
DDAR_2
32
H'FFC44
DMAC_2
16
2I
φ/2Iφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com