Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 1050 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1050 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1046Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1047Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1048Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1049Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1050Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1051Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1052Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1053Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1054Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1050 / 1158 page
background image
Section 24 List of Registers
Rev.1.00 Jun. 07, 2006 Page 998 of 1102
REJ09B0294-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Bit rate register_6
BRR_6
8
H'FF611
SCI_6
8
3P
φ/3Pφ
Serial control register_6
SCR_6
8
H'FF612
SCI_6
8
3P
φ/3Pφ
Transmit data register_6
TDR_6
8
H'FF613
SCI_6
8
3P
φ/3Pφ
Serial status register_6
SSR_6
8
H'FF614
SCI_6
8
3P
φ/3Pφ
Receive data register_6
RDR_6
8
H'FF615
SCI_6
8
3P
φ/3Pφ
Smart card mode register_6
SCMR_6
8
H'FF616
SCI_6
8
3P
φ/3Pφ
Serial extended mode register_6
SEMR_6
8
H'FF618
SCI_6
8
3P
φ/3Pφ
Timer control register
TCR32K
8
H'FFABC
TM32K
8
2P
φ/2Pφ
Timer counter
TCNT32K
8
H'FFABD
TM32K
8
2P
φ/2Pφ
Port 1 data direction register
P1DDR
8
H'FFB80
I/O port
8
2P
φ/2Pφ
Port 2 data direction register
P2DDR
8
H'FFB81
I/O port
8
2P
φ/2Pφ
Port 3 data direction register
P3DDR
8
H'FFB82
I/O port
8
2P
φ/2Pφ
Port 6 data direction register
P6DDR
8
H'FFB85
I/O port
8
2P
φ/2Pφ
Port A data direction register
PADDR
8
H'FFB89
I/O port
8
2P
φ/2Pφ
Port B data direction register
PBDDR
8
H'FFB8A
I/O port
8
2P
φ/2Pφ
Port C data direction register
PCDDR
8
H'FFB8B
I/O port
8
2P
φ/2Pφ
Port D data direction register
PDDDR
8
H'FFB8C
I/O port
8
2P
φ/2Pφ
Port E data direction register
PEDDR
8
H'FFB8D
I/O port
8
2P
φ/2Pφ
Port F data direction register
PFDDR
8
H'FFB8E
I/O port
8
2P
φ/2Pφ
Port 1 input buffer control register
P1ICR
8
H'FFB90
I/O port
8
2P
φ/2Pφ
Port 2 input buffer control register
P2ICR
8
H'FFB91
I/O port
8
2P
φ/2Pφ
Port 3 input buffer control register
P3ICR
8
H'FFB92
I/O port
8
2P
φ/2Pφ
Port 5 input buffer control register
P5ICR
8
H'FFB94
I/O port
8
2P
φ/2Pφ
Port 6 input buffer control register
P6ICR
8
H'FFB95
I/O port
8
2P
φ/2Pφ
Port A input buffer control register
PAICR
8
H'FFB99
I/O port
8
2P
φ/2Pφ
Port B input buffer control register
PBICR
8
H'FFB9A
I/O port
8
2P
φ/2Pφ
Port C input buffer control register
PCICR
8
H'FFB9B
I/O port
8
2P
φ/2Pφ
Port D input buffer control register
PDICR
8
H'FFB9C
I/O port
8
2P
φ/2Pφ
Port E input buffer control register
PEICR
8
H'FFB9D
I/O port
8
2P
φ/2Pφ
Port F input buffer control register
PFICR
8
H'FFB9E
I/O port
8
2P
φ/2Pφ
Port H register
PORTH
8
H'FFBA0
I/O port
8
2P
φ/2Pφ
Port I register
PORTI
8
H'FFBA1
I/O port
8
2P
φ/2Pφ
Port H data register
PHDR
8
H'FFBA4
I/O port
8
2P
φ/2Pφ
Port I data register
PIDR
8
H'FFBA5
I/O port
8
2P
φ/2Pφ
Port H data direction register
PHDDR
8
H'FFBA8
I/O port
8
2P
φ/2Pφ
Port I data direction register
PIDDR
8
H'FFBA9
I/O port
8
2P
φ/2Pφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com