Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 398Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 399Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 400Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 401Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 402Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 403Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 404Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 405Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 370 of 1468
REJ09B0412-0200
• Transfers are continued without bus release when a bus master with priority over the DMAC is
not requesting the bus, the EBCCS bit in BCR2 is cleared to 0, and either the following
conditions are executed.
 While one block of data is being transferred in block transfer mode
 While data is being transferred in burst mode
A transfer other than the above is stopped and the bus is passed when the bus cycle is completed.
However, the EXDMAC takes control of the bus and EXDMAC transfers are continued when
multiple channels in the EXDMAC request the bus while other bus masters are not requesting the
bus.
(5)
External Bus Release
When the
BREQ pin goes low and an external bus release request is issued while the BRLE bit in
BCR1 is set to 1 with the corresponding ICR bit set to 1, a bus request is sent to the bus arbiter.
External bus release can be performed on completion of an external bus cycle.
(6)
Refresh
When area 2 is specified as the DRAM space or SDRAM space with the RFSHE bit in REFCR set
to 1, RTCNT starts to count up. When the RTCOR value matches RTCNT, a bus request is sent to
the bus arbiter.
A refresh cycle is inserted on completion of the external bus cycle. A refresh cycle is not
consecutively inserted. Once a refresh cycle is inserted, the bus is passed to another bus master.
When the bus is passed, if there is no bus request from other bus masters, NOP cycles are inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com