Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 400Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 401Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 402Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 403Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 404Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 405Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 406Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 407Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 372 of 1468
REJ09B0412-0200
Also, since clock oscillation halts in software standby mode, if the
BREQ signal goes low in this
mode, indicating an external bus release request, the request cannot be answered until the chip has
recovered from the software standby mode.
Note that the
BACK and BREQO pins are both in the high-impedance state in software standby
mode.
(5)
External Bus Release Function and CBR-Refresh or Auto-Refresh Cycle
The CBR refresh or auto-refresh cycle cannot be performed while the external bus is released.
When a CBR-refresh or an auto-refresh cycle is requested, the BREQO signal can be output by
setting the BREQOE bit in BCR1 to 1.
(6)
BREQO Output Timing
When the BREQOE bit is set to 1 and the
BREQO signal is output, both the BREQO and BACK
signals may go low simultaneously.
This will occur if the next external access request occurs while internal bus arbitration is in
progress after the chip samples a low level of the
BREQ signal.
(7)
Refresh Settings
In single-chip activation mode, the setting of the RFSHE bit in REFCR should be made after
setting the EXPE bit in SYSCR to 1. For SYSCR, see section 3, MCU Operating Modes.
(8)
Refresh Timer Settings
The setting of bits RTCK2 to RTCK0 in REFCR should be made after RTCNT and RTCOR have
been set. When changing RTCNT and RTCOR, the counter operation should be halted. When
changing bits RTCK2 to RTCK0, external access and external bus release by the EXDMAC
should be prohibited. The write data buffer function should be used after the write data buffer
function is disabled and the external space is read.
(9)
Switching Between Refresh Timer and Interval Timer
When changing the RFSHE bit in REFCR from 1 to 0, a refresh cycle may be inserted until the bit
change is reflected. After this, when using RTCNT as an interval timer, the compare match flag
(CMF) may be set to 1. Therefore, confirm the state before setting the CMIE bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com