Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 407 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 403Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 404Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 405Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 406Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 407Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 408Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 409Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 410Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 375 of 1468
REJ09B0412-0200
Section 10 DMA Controller (DMAC)
This LSI includes a 4-channel DMA controller (DMAC).
10.1
Features
• Maximum of 4-G byte address space can be accessed
• Byte, word, or longword can be set as data transfer unit
• Maximum of 4-G bytes (4,294,967,295 bytes) can be set as total transfer size
Supports free-running mode in which total transfer size setting is not needed
• DMAC activation methods are auto-request, on-chip module interrupt, and external request.
Auto request:
CPU activates (cycle stealing or burst access can be selected)
On-chip module interrupt: Interrupt requests from on-chip peripheral modules can be selected
as an activation source
External request:
Low level or falling edge detection of the
DREQ signal can be
selected. External request is available for all four channels.
• Dual or single address mode can be selected as address mode
Dual address mode: Both source and destination are specified by addresses
Single address mode: Either source or destination is specified by the
DACK signal and the
other is specified by address
• Normal, repeat, or block transfer can be selected as transfer mode
Normal transfer mode:
One byte, one word, or one longword data is transferred at a
single transfer request
Repeat transfer mode:
One byte, one word, or one longword data is transferred at a
single transfer request
Repeat size of data is transferred and then a transfer address
returns to the transfer start address
Up to 64K transfers (65,536 bytes/words/longwords) can be set as
repeat size
Block transfer mode:
One block data is transferred at a single transfer request
Up to 64K transfers (65,536 bytes/words/longwords) can be set as
block size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com