Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 420 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 416Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 417Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 418Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 419Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 420Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 421Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 422Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 423Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 388 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
30
DACKE
0
R/W
DACK Signal Output Enable
Enables/disables the
DACK signal output in single
address mode. This bit is ignored in dual address mode.
0: Disables
DACK signal output
1: Enables
DACK signal output
29
TENDE
0
R/W
TEND Signal Output Enable
Enables/disables the
TEND signal output.
0: Disables
TEND signal output
1: Enables
TEND signal output
28
0
R/W
Reserved
Initial value should not be changed.
27
DREQS
0
R/W
DREQ Select
Selects whether a low level or the falling edge of the
DREQ signal used in external request mode is detected.
0: Low level detection
1: Falling edge detection (the first transfer after a
transfer enabled is detected on a low level)
26
NRD
0
R/W
Next Request Delay
Selects the accepting timing of the next transfer request.
0: Starts accepting the next transfer request after
completion of the current transfer
1: Starts accepting the next transfer request one cycle
of B
φ after completion of the current transfer
25, 24
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.
23
ACT
0
R
Active State
Indicates the operating state for the channel.
0: Waiting for a transfer request or a transfer disabled
state by clearing the DTE bit to 0
1: Active state
22 to 20
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com