Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 422 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 418Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 419Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 420Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 421Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 422Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 423Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 424Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 425Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 426Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 390 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
16
DTIF
0
R/(W)* Data Transfer Interrupt Flag
Indicates that a transfer end interrupt by the transfer
counter has been requested.
0: A transfer end interrupt by the transfer counter has
not been requested
1: A transfer end interrupt by the transfer counter has
been requested
[Clearing conditions]
• When setting the DTE bit to 1
• When clearing to 0 after reading DTIF = 1
[Setting condition]
• When DTCR reaches 0 and the transfer is
completed
15
14
DTSZ1
DTSZ0
0
0
R/W
R/W
Data Access Size 1 and 0
Select the data access size for a transfer.
00: Byte size (eight bits)
01: Word size (16 bits)
10: Longword size (32 bits)
11: Setting prohibited
13
12
MDS1
MDS0
0
0
R/W
R/W
Transfer Mode Select 1 and 0
Select the transfer mode.
00: Normal transfer mode
01: Block transfer mode
10: Repeat transfer mode
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com