Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 422Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 423Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 424Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 425Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 426Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 427Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 428Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 429Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 394 of 1468
REJ09B0412-0200
10.3.7
DMA Address Control Register (DACR)
DACR specifies the operating mode and transfer method.
31
AMS
0
R/W
30
DIRS
0
R/W
29
0
R
28
0
R
27
0
R
24
ARS0
0
R/W
26
RPTIE
0
R/W
25
ARS1
0
R/W
Bit
Bit Name
Initial Value
R/W
23
0
R
22
0
R
21
SAT1
0
R/W
20
SAT0
0
R/W
19
0
R
16
DAT0
0
R/W
18
0
R
17
DAT1
0
R/W
Bit
Bit Name
Initial Value
R/W
15
SARIE
0
R/W
14
0
R
13
0
R
12
SARA4
0
R/W
11
SARA3
0
R/W
8
SARA0
0
R/W
10
SARA2
0
R/W
9
SARA1
0
R/W
Bit
Bit Name
Initial Value
R/W
7
DARIE
0
R/W
6
0
R
5
0
R
4
DARA4
0
R/W
3
DARA3
0
R/W
0
DARA0
0
R/W
2
DARA2
0
R/W
1
DARA1
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
31
AMS
0
R/W
Address Mode Select
Selects address mode from single or dual address
mode. In single address mode, the
DACK pin is enabled
according to the DACKE bit.
0: Dual address mode
1: Single address mode
30
DIRS
0
R/W
Single Address Direction Select
Specifies the data transfer direction in single address
mode. This bit s ignored in dual address mode.
0: Specifies DSAR as source address
1: Specifies DDAR as destination address
29 to 27
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com