Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 429Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 430Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 431Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 432Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 433Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 434Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 435Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 436Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 401 of 1468
REJ09B0412-0200
10.4
Transfer Modes
Table 10.4 shows the DMAC transfer modes. The transfer modes can be specified to the
individual channels.
Table 10.4
Transfer Modes
Address Register
Address
Mode
Transfer mode
Activation Source
Common Function
Source
Destina-
tion
Dual
address
• Normal transfer
• Repeat transfer
• Block transfer
Repeat or block size
= 1 to 65,536 bytes,
1 to 65,536 words, or
1 to 65,536
longwords
• Auto request
(activated by
CPU)
• On-chip module
interrupt
• External request
• Total transfer
size: 1 to 4
Gbytes or not
specified
• Offset addition
• Extended repeat
area function
DSAR
DDAR
Single
address
• Instead of specifying the source or destination address
registers, data is directly transferred from/to the external
device using the
DACK pin
• The same settings as above are available other than address
register setting (e.g., above transfer modes can be specified)
• One transfer can be performed in one bus cycle (the types of
transfer modes are the same as those of dual address modes)
DSAR/
DACK
DACK/
DDAR
When the auto request setting is selected as the activation source, the cycle stealing or burst access
can be selected. When the total transfer size is not specified (DTCR = H'00000000), the transfer
counter is stopped and the transfer is continued without the limitation of the transfer count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com