Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 431Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 432Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 433Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 434Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 435Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 436Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 437Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 438Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 403 of 1468
REJ09B0412-0200
Transfer
Address TA
Address BA
Address update setting is as follows:
Source address increment
Fixed destination address
Address TB
Figure 10.3 Operations in Dual Address Mode
(2)
Single Address Mode
In single address mode, data between an external device and an external memory is directly
transferred using the
DACK pin instead of DSAR or DDAR. A transfer at a time is performed in
one bus cycle. In this mode, the data bus width must be the same as the data access size. For
details on the data bus width, see section 9, Bus Controller (BSC).
The DMAC accesses an external device as the transfer source or destination by outputting the
strobe signal (
DACK) to the external device with DACK and accesses the other transfer target by
outputting the address. Accordingly, the DMA transfer is performed in one bus cycle. Figure 10.4
shows an example of a transfer between an external memory and an external device with the
DACK pin. In this example, the external device outputs data on the data bus and the data is written
to the external memory in the same bus cycle.
The transfer direction is decided by the DIRS bit in DACR which specifies an external device with
the
DACK pin as the transfer source or destination. When DIRS = 0, data is transferred from an
external memory (DSAR) to an external device with the
DACK pin. When DIRS = 1, data is
transferred from an external device with the
DACK pin to an external memory (DDAR). The
settings of registers which are not used as the transfer source or destination are ignored.
The
DACK signal output is enabled in single address mode by the DACKE bit in DMDR. The
DACK signal is low active.
The
TEND signal output is enabled or disabled by the TENDE bit in DMDR. The TEND signal is
output in one bus cycle. When an idle cycle is inserted before the bus cycle, the
TEND signal is
also output in the idle cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com