Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 491 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 491 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 487Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 488Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 489Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 490Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 491Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 492Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 493Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 494Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 459 of 1468
REJ09B0412-0200
11.3.1
EXDMA Source Address Register (EDSAR)
EDSAR is a 32-bit readable/writable register that specifies the transfer source address. An address
update function is provided that updates the register contents to the next transfer source address
each time transfer processing is performed. In single address mode, the EDSAR value is ignored
when the address specified by EDDAR is transferred as a destination address (DIRS = 1 in
EDACR).
EDSAR can be read at all times by the CPU. When reading EDSAR for a channel on which
EXDMA transfer processing is in progress, a longword-size read must be executed. Do not write
to EDSAR for a channel on which EXDMA transfer is in progress.
31
0
R/W
30
0
R/W
29
0
R/W
28
0
R/W
27
0
R/W
24
0
R/W
26
0
R/W
25
0
R/W
Bit
Bit Name
Initial Value
R/W
23
0
R/W
22
0
R/W
21
0
R/W
20
0
R/W
19
0
R/W
16
0
R/W
18
0
R/W
17
0
R/W
Bit
Bit Name
Initial Value
R/W
15
0
R/W
14
0
R/W
13
0
R/W
12
0
R/W
11
0
R/W
8
0
R/W
10
0
R/W
9
0
R/W
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
0
0
R/W
2
0
R/W
1
0
R/W
Bit
Bit Name
Initial Value
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com