Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 495 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 491Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 492Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 493Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 494Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 495Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 496Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 497Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 498Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 463 of 1468
REJ09B0412-0200
11.3.5
EXDMA Block Size Register (EDBSR)
EDBSR sets the repeat size, block size, or cluster size. EDBSR is enabled in repeat transfer, block
transfer, and cluster transfer modes. EDBSR is disabled in normal transfer mode.
When BKSZH and BKSZ are set to H'0001 in cluster transfer mode (dual address mode), the
EXDMAC operates in block transfer mode (dual address mode).
31
BKSZH31
0
R/W
30
BKSZH30
0
R/W
29
BKSZH29
0
R/W
28
BKSZH28
0
R/W
27
BKSZH27
0
R/W
24
BKSZH24
0
R/W
26
BKSZH26
0
R/W
25
BKSZH25
0
R/W
Bit
Bit Name
Initial Value
R/W
23
BKSZH23
0
R/W
22
BKSZH22
0
R/W
21
BKSZH21
0
R/W
20
BKSZH20
0
R/W
19
BKSZH19
0
R/W
16
BKSZH16
0
R/W
18
BKSZH18
0
R/W
17
BKSZH17
0
R/W
Bit
Bit Name
Initial Value
R/W
15
BKSZ15
0
R/W
14
BKSZ14
0
R/W
13
BKSZ13
0
R/W
12
BKSZ12
0
R/W
11
BKSZ11
0
R/W
8
BKSZ8
0
R/W
10
BKSZ10
0
R/W
9
BKSZ9
0
R/W
Bit
Bit Name
Initial Value
R/W
7
BKSZ7
0
R/W
6
BKSZ6
0
R/W
5
BKSZ5
0
R/W
4
BKSZ4
0
R/W
3
BKSZ3
0
R/W
0
BKSZ0
0
R/W
2
BKSZ2
0
R/W
1
BKSZ1
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
value
R/W
Description
31 to 16
BKSZH31
to
BKSZH16
All 0
R/W
Sets the repeat size, block size, or cluster size.
When these bits are set to H'0001, one byte-, one
word-, or one longword-size is set. When these bits are
set to H'0000, the maximum values are set (see table
11.2). These bits are always fixed during an EXDMA
operation.
15 to 0
BKSZ15 to
BKSZ0
All 0
R/W
In an EXDMA operation, the remaining repeat size,
block size, or cluster size is indicated. The value is
decremented by one each time of a data transfer. When
the remaining size becomes zero, the BKSZH value is
loaded. Set the same initial value as for the BKSZH bit
when writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com