Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 492Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 493Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 494Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 495Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 496Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 497Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 498Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 499Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 464 of 1468
REJ09B0412-0200
Table 11.2
Data Access Size, Enable Bit, and Allowable Size
Mode
Data
Access Size
BKSZH
enable bit
BKSZ
enable bit
Allowable size (in bytes)
Byte
1 to 65,536
Word
2 to 131,072
Repeat transfer mode
Block transfer mode
Longword
31 to 16
15 to 0
4 to 262,144
Byte
20 to 16
4 to 0
1 to 32
Word
19 to 16
3 to 0
2 to 32
Cluster transfer mode
Longword
18 to 16
2 to 0
4 to 32
11.3.6
EXDMA Mode Control Register (EDMDR)
EDMDR controls EXDMAC operations.
• EDMDR_0
31
DTE
0
R/W
30
EDACKE
0
R/W
29
ETENDE
0
R/W
28
EDRAKE
0
R/W
27
EDREQS
0
R/W
24
0
R
26
NRD
0
R/W
25
0
R
Bit
Bit Name
Initial Value
R/W
23
ACT
0
R
22
0
R
21
0
R
20
0
R
19
ERRF
0
R/(W)*
16
DTIF
0
R/(W)*
18
0
R
17
ESIF
0
R/(W)*
Bit
Bit Name
Initial Value
R/W
15
DTSZ1
0
R/W
14
DTSZ0
0
R/W
13
MDS1
0
R/W
12
MDS0
0
R/W
11
TSEIE
0
R/W
8
DTIE
0
R/W
10
0
R
9
ESIE
0
R/W
Bit
Bit Name
Initial Value
R/W
7
DTF1
0
R/W
6
DTF0
0
R/W
5
0
R/W
4
0
R
3
0
R
0
EDMAP0
0
R/W
2
EDMAP2
0
R/W
1
EDMAP1
0
R/W
Bit
Bit Name
Initial Value
R/W
Note: *
Only 0 can be written to this bit after having been read as 1, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com