Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 499 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 495Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 496Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 497Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 498Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 499Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 500Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 501Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 502Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 467 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
value
R/W
Description
30
EDACKE
0
R/W
EDACK Pin Output Enable
In single address mode, enables or disables output
from the
EDACK pin. In dual address mode, the
specification by this bit is ignored.
0:
EDACK pin output disabled
1:
EDACK pin output enabled
29
ETENDE
0
R/W
ETEND Pin Output Enable
Enables or disables output from the
ETEND pin.
0:
ETEND pin output disabled
1:
ETEND pin output enabled
28
EDRAKE
0
R/W
EDRAK Pin Output Enable
Enables or disables output from the
EDRAK pin.
0:
EDRAK pin output disabled
1:
EDRAK pin output enabled
27
EDREQS
0
R/W
EDREQ Select
Selects whether a low level or the falling edge of the
EDREQ signal used in external request mode is
detected.
0: Low-level detection
1: Falling edge detection (the first transfer is detected
on a low level after a transfer is enabled.)
26
NRD
0
R/W
Next Request Delay
Selects the timing of the next transfer request to be
accepted.
0: Next transfer request starts to be accepted after
transfer of the bus cycle in progress ends.
1: Next transfer request starts to be accepted after one
cycle of B
φ from the completion of the bus cycle in
progress.
25, 24
All 0
R
Reserved
They are always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com