Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 522 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 522 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 518Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 519Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 520Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 521Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 522Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 523Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 524Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 525Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 526Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 490 of 1468
REJ09B0412-0200
11.5.3
Activation Sources
The EXDMAC is activated by an auto request or an external request. This activation source is
selected by the DTF1 or DTF0 bit in EDMDR.
(1)
Activation by Auto-Request
The transfer request signal is automatically generated in EXDMAC with auto-request activation
when no transfer request signal is generated from external or peripheral modules, incase of
transfer among memory or between memory and peripheral modules that cannot generate the
transfer request signal. The transfer starts when the DTE bit in EDMDR is set to 1 with auto-
request activation. The bus mode can be selected from cycle steal mode and burst mode with auto-
request activation.
(2)
Activation by External Request
Transfer is started by the transfer request signal (
EDREQ) from the external device for activation
by an external request. When the EXDMA transfer is enabled (DTE = 1), the EXDMA transfer
starts by
EDREQ input.
The transfer request signal is accepted by the
EDREQ pin. The EDREQS bit in EDMDR selects
whether the
EDREQ is detected by falling edge sensing or low level sensing.
When the EDRAKE bit in EDMDR is set to 1, the signal notifying transfer request acceptance is
output from the
EDRAK pin. The EDRAK signal is accepted for one external request and is
output when transfer processing starts.
When specifying an external request as an activation source, set the DDR bit to 0 and the ICR bit
to 1 on the corresponding pin in advance. For details, see section 13, I/O Ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com