Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 520 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 516Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 517Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 518Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 519Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 520Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 521Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 522Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 523Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 488 of 1468
REJ09B0412-0200
Figure 11.10 shows an example of EXDMA transfer timing in block transfer mode. The transfer
conditions are as follows:
Address mode: Single address mode
Data access size: In bytes
One block size: 3 bytes
Figure 11.11 shows the block transfer mode operation in single address mode and figure 11.12
shows the block transfer mode operation in dual address mode.
CPU
CPU
EXDMAC
EXDMAC
EXDMAC
CPU
Bus cycle
ETEND
EDREQ
CPU cycle not generated
One-block transfer cycle
EDRAK
Figure 11.10 Example of Block Transfer Mode
Transfer
Address T
Address B
EDACK
Block
BKSZH
×
data access size
Figure 11.11 Block Transfer Mode Operation in Single Address Mode
(with Block Area Specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com