Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 517 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 517 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 513Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 514Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 515Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 516Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 517Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 518Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 519Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 520Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 521Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 517 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 485 of 1468
REJ09B0412-0200
Address T
Address B
EDACK
Transfer
Figure 11.6 Single Address Mode Operation
11.5.2
Transfer Modes
(1)
Normal Transfer Mode
In normal transfer mode, transfer of one data access size unit is processed in response to one
transfer request. The total transfer size of up to 4 Gbytes can be set by EDTCR. EDBSR is invalid
in normal transfer mode.
The
ETEND signal is output only for the last EXDMA transfer. The EDRAK signal is output each
time a transfer request is accepted and transfer processing is started.
Figure 11.7 shows examples of transfer timing in normal transfer mode and figure 11.8 shows the
normal transfer mode operation in dual address mode.
Read
Write
Read
Write
EXDMA transfer
cycle
Last EXDMA
transfer cycle
Bus cycle
Transfer conditions: Dual address mode, auto-request mode
Transfer conditions: Single address mode, external request mode
ETEND
EDREQ
EDACK
EXDMA
EXDMA
Bus cycle
EDRAK
Figure 11.7 Examples of Timing in Normal Transfer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com