Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 514 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 514 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 510Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 511Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 512Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 513Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 514Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 515Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 516Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 517Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 518Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 482 of 1468
REJ09B0412-0200
11.5
Mode Operation
11.5.1
Address Modes
(1)
Dual Address Mode
In dual address mode, the transfer source address is set in EDSAR, and the transfer destination
address is set in EDDAR. One transfer operation is executed in two bus cycles. (When the data
bus width is smaller than the data access size or when the address to be accessed is not at the data
boundary of the data access size, the bus cycle is divided, resulting more than two bus cycles.)
In a transfer operation, the data on the transfer source address is read in the first bus cycle, and is
written to the transfer destination address in the next bus cycle.
These consecutive read and write cycles are indivisible: another bus cycle (external access by
another bus master, refresh cycle, or external bus release cycle) does not occur between these two
cycles.
ETEND pin output can be enabled or disabled by means of the ETENDE bit in EDMDR. ETEND
is output for two consecutive bus cycles. When an idle cycle is inserted before the bus cycle, the
ETEND signal is also output in the idle cycle. The EDACK signal is not output.
Figure 11.2 shows an example of the timing in dual address mode and figure 11.3 shows the dual
address mode operation.
Address bus
B
φ
RD
WR
ETEND
EXDMA read
cycle
EXDMA write
cycle
EDSAR
EDDAR
Figure 11.2 Example of Timing in Dual Address Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com