Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 511 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 511 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 507Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 508Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 509Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 510Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 511Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 512Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 513Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 514Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 515Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 479 of 1468
REJ09B0412-0200
11.3.8
Cluster Buffer Registers 0 to 7 (CLSBR0 to CLSBR7)
CLSBR0 to CLSBR7 are 32-bit readable/writable registers that store the transfer data. The transfer
data is stored in order from CLSBR0 to CLSBR7 in cluster transfer mode. The data stored in
cluster transfer mode or by the CPU write operation is held until the next cluster transfer or CPU
write operation is performed.
When reading the data stored in cluster transfer mode by the CPU, check the completion of cluster
transfer and then perform only a cluster-size read specified for the cluster transfer. Data with
another size is undefined.
In cluster transfer mode, the same CLSBR is used for all channels. When the CPU write operation
to CLSBR conflicts with cluster transfer, the contents of transferred data are not guaranteed. When
cluster transfer read/write address mode is specified and if another channel is set for cluster
transfer, the transferred data may be overwritten.
31
Undefined
R/W
30
Undefined
R/W
29
Undefined
R/W
28
Undefined
R/W
27
Undefined
R/W
24
Undefined
R/W
26
Undefined
R/W
25
Undefined
R/W
Bit
Bit Name
Initial Value
R/W
23
Undefined
R/W
22
Undefined
R/W
21
Undefined
R/W
20
Undefined
R/W
19
Undefined
R/W
16
Undefined
R/W
18
Undefined
R/W
17
Undefined
R/W
Bit
Bit Name
Initial Value
R/W
15
Undefined
R/W
14
Undefined
R/W
13
Undefined
R/W
12
Undefined
R/W
11
Undefined
R/W
8
Undefined
R/W
10
Undefined
R/W
9
Undefined
R/W
Bit
Bit Name
Initial Value
R/W
7
Undefined
R/W
6
Undefined
R/W
5
Undefined
R/W
4
Undefined
R/W
3
Undefined
R/W
0
Undefined
R/W
2
Undefined
R/W
1
Undefined
R/W
Bit
Bit Name
Initial Value
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com