Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 515 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 515 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 511Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 512Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 513Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 514Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 515Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 516Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 517Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 518Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 519Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 483 of 1468
REJ09B0412-0200
Transfer
Address T
A
Address B
A
Address update setting
The source address incremented
The destination adderss is fixed
Address T
B
Figure 11.3 Dual Address Mode Operation
(2)
Single Address Mode
In single address mode, the
EDACK pin is used instead of EDSAR or EDDAR to transfer data
directly between an external device and external memory. One transfer operation is executed in
one bus cycle.
In this mode, the data bus width must be the same as the data access size. For details on the data
bus width, see section 9, Bus Controller (BSC).
In this mode, the EXDMAC accesses the transfer source or transfer destination external device by
outputting the strobe signal (
EDACK) for the external device with DACK, and at the same time
accesses the other external device in the transfer by outputting an address. In this way, EXDMA
transfer can be executed in one bus cycle. In the example of transfer between external memory and
an external device with
DACK shown in figure 11.4, data is output to the data bus by the external
device and written to external memory in the same bus cycle.
The transfer direction, that is whether the external device with
DACK is the transfer source or
transfer destination, can be specified with the DIRS bit in EDACR. Transfer is performed from the
external memory (EDSAR) to the external device with
DACK when DIRS = 0, and from the
external device with
DACK to the external memory (EDDAR) when DIRS = 1. The setting in the
source or destination address register not used in the transfer is ignored.
The
EDACK pin output is valid by the setting of EDACKE bit in EDMDR when single address
mode is selected. The
EDACK pin output is active-low.
ETEND pin output can be enabled or disabled by means of the ETENDE bit in EDMDR. ETEND
is output for one bus cycle. When an idle cycle is inserted before the bus cycle, the
ETEND signal
is also output in the idle cycle.
Figure 11.5 shows an example of the timing in single address mode and figure 11.6 shows the
single address mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com