Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 612 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 612 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 608Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 609Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 610Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 611Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 612Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 613Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 614Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 615Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 616Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 580 of 1468
REJ09B0412-0200
SAR
Transfer source data area
DAR
Transfer
Transfer destination data area
Figure 12.7 Memory Map in Normal Transfer Mode
12.5.5
Repeat Transfer Mode
In repeat transfer mode, one operation transfers one byte, one word, or one longword of data. By
the DTS bit in MRB, either the source or destination can be specified as a repeat area. From 1 to
256 transfers can be specified. When the specified number of transfers ends, the transfer counter
and address register specified as the repeat area is restored to the initial state, and transfer is
repeated. The other address register is then incremented, decremented, or left fixed. In repeat
transfer mode, the transfer counter (CRAL) is updated to the value specified in CRAH when
CRAL becomes H'00. Thus the transfer counter value does not reach H'00, and therefore a CPU
interrupt cannot be requested when DISEL = 0.
Table 12.7 lists the register function in repeat transfer mode. Figure 12.8 shows the memory map
in repeat transfer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com