Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 615 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 615 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 611Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 612Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 613Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 614Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 615Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 616Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 617Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 618Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 619Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 615 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 583 of 1468
REJ09B0412-0200
12.5.7
Chain Transfer
Setting the CHNE bit in MRB to 1 enables a number of data transfers to be performed
consecutively in response to a single transfer request. Setting the CHNE and CHNS bits in MRB
set to 1 enables a chain transfer only when the transfer counter reaches 0. SAR, DAR, CRA, CRB,
MRA, and MRB, which define data transfers, can be set independently. Figure 12.10 shows the
chain transfer operation.
In the case of transfer with CHNE set to 1, an interrupt request to the CPU is not generated at the
end of the specified number of transfers or by setting the DISEL bit to 1, and the interrupt source
flag for the activation source and DTCER are not affected.
In repeat transfer mode, setting the RCHNE bit in DTCCR and the CHNE and CHNS bits in MRB
to 1 enables a chain transfer after transfer with transfer counter = 1 has been completed.
Transfer information
CHNE = 1
Transfer information
CHNE = 0
Transfer information
stored in user area
Data area
Transfer source data (1)
Transfer destination data (1)
Transfer source data (2)
Transfer destination data (2)
Transfer information
start address
Vector table
DTC vector
address
Figure 12.10 Operation of Chain Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com