Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 701 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 701 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 697Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 698Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 699Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 700Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 701Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 702Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 703Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 704Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 669 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
A18E
0/1*
R/W
Address A18 Enable
Enables/disables the address output (A18)
0: Disables the A18 output
1: Enables the A18 output
1
A17E
0/1*
R/W
Address A17 Enable
Enables/disables the address output (A17)
0: Disables the A17 output
1: Enables the A17 output
0
A16E
0/1*
R/W
Address A16 Enable
Enables/disables the address output (A16)
0: Disables the A16 output
1: Enables the A16 output
Note:
*
The initial value changes depending on the operating mode. 1 in on-chip ROM disabled
mode and 0 in on-chip ROM enabled mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com