Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 702 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 702 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 698Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 699Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 700Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 701Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 702Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 703Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 704Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 705Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 706Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 670 of 1468
REJ09B0412-0200
13.3.5
Port Function Control Register 6 (PFCR6)
PFCR6 selects the TPU clock input pin.
Bit
Bit Name
Initial Value
R/W
7
1
R/W
6
LHWROE
1
R/W
5
1
R/W
4
0
R
3
TCLKS
0
R/W
2
0
R/W
1
0
R/W
0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
1
R/W
Reserved
This bit is always read as 1. The write value should
always be 1.
6
LHWROE
1
R/W
LHWR Output Enable
Enables/disables
LHWR output (valid in external
extended mode).
0: Specifies pin PA4 as I/O port
1: Specifies pin PA4 as
LHWR output pin
5
1
R/W
Reserved
This bit is always read as 1. The write value should
always be 1.
4
0
R
Reserved
This is a read-only bit and cannot be modified.
3
TCLKS
0
R/W
TPU External Clock Input Pin Select
Selects the TPU external clock input pins.
0: Specifies pins P32, P33, P35, and P37 as external
clock input pins.
1: Specifies pins P14 to P17 as external clock input
pins.
2, 1
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
0
ADTRG0S 0
R/W
ADTRG0S Input Pin Select
Selects the external trigger input pins of A/D converter.
0: Specifies pin P13 as
ADTRG0-A input pin.
1: Specifies pin PB6 as
ADTRG0-B input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com