Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 774 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 774 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 770Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 771Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 772Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 773Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 774Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 775Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 776Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 777Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 778Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 774 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 742 of 1468
REJ09B0412-0200
14.4.4
Cascaded Operation
In cascaded operation, two 16-bit counters for different channels are used together as a 32-bit
counter.
This function works by counting the channel 1 (channel 4) counter clock at overflow/underflow of
TCNT_2 (TCNT_5) as set in bits TPSC2 to TPSC0 in TCR.
Underflow occurs only when the lower 16-bit TCNT is in phase-counting mode.
Table 14.31 shows the register combinations used in cascaded operation.
Note:
When phase counting mode is set for channel 1 or 4, the counter clock setting is invalid
and the counter operates independently in phase counting mode.
Table 14.31 Cascaded Combinations
Combination
Upper 16 Bits
Lower 16 Bits
Channels 1 and 2
TCNT_1
TCNT_2
Channels 4 and 5
TCNT_4
TCNT_5
(1)
Example of Cascaded Operation Setting Procedure
Figure 14.18 shows an example of the setting procedure for cascaded operation.
Cascaded operation
Set cascading
Start count
<Cascaded operation>
Set bits TPSC2 to TPSC0 in the channel 1
(channel 4) TCR to B'1111 to select TCNT_2
(TCNT_5) overflow/underflow counting.
Set the CST bit in TSTR for the upper and lower
channels to 1 to start the count operation.
[1]
[2]
[1]
[2]
Figure 14.18 Cascaded Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com