Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 776 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 776 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 772Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 773Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 774Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 775Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 776Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 777Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 778Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 779Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 780Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 1504 page
background image
Section 14 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Sep. 24, 2008 Page 744 of 1468
REJ09B0412-0200
14.4.5
PWM Modes
In PWM mode, PWM waveforms are output from the output pins. 0-, 1-, or toggle-output can be
selected as the output level in response to compare match of each TGR.
Settings of TGR registers can output a PWM waveform in the range of 0% to 100% duty cycle.
Designating TGR compare match as the counter clearing source enables the cycle to be set in that
register. All channels can be designated for PWM mode independently. Synchronous operation is
also possible.
There are two PWM modes, as described below.
1. PWM mode 1
PWM output is generated from the TIOCA and TIOCC pins by pairing TGRA with TGRB and
TGRC with TGRD. The outputs specified by bits IOA3 to IOA0 and IOC3 to IOC0 in TIOR
are output from the TIOCA and TIOCC pins at compare matches A and C, respectively. The
outputs specified by bits IOB3 to IOB0 and IOD3 to IOD0 in TIOR are output at compare
matches B and D, respectively. The initial output value is the value set in TGRA or TGRC. If
the set values of paired TGRs are identical, the output value does not change when a compare
match occurs.
In PWM mode 1, a maximum 8-phase PWM output is possible.
2. PWM mode 2
PWM output is generated using one TGR as the cycle register and the others as duty cycle
registers. The output specified in TIOR is performed by means of compare matches. Upon
counter clearing by a synchronous register compare match, the output value of each pin is the
initial value set in TIOR. If the set values of the cycle and duty cycle registers are identical, the
output value does not change when a compare match occurs.
In PWM mode 2, a maximum 15-phase PWM output is possible by combined use with
synchronous operation.
The correspondence between PWM output pins and registers is shown in table 14.32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com