Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 917 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 917 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 913Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 914Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 915Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 916Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 917Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 918Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 919Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 920Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 921Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 917 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 885 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CKE1
CKE0
0
0
R/W
R/W
Clock Enable 1, 0*
These bits control the clock output from the SCK pin. In
GSM mode, clock output can be dynamically switched.
For details, see section 19.7.8, Clock Output Control
(Only SCI_0, 1, 2, and 4).
• When GM in SMR = 0
00: Output disabled (SCK pin functions as I/O port.) *
01: Clock output
1X: Reserved
• When GM in SMR = 1
00: Output fixed low
01: Clock output
10: Output fixed high
11: Clock output
Note:
*
No SCK pins exist in SCI_5 and SCI_6.
19.3.7
Serial Status Register (SSR)
SSR is a register containing status flags of the SCI and multiprocessor bits for transfer. TDRE,
RDRF, ORER, PER, and FER can only be cleared. Some bits in SSR have different functions in
normal mode and smart card interface mode.
• When SMIF in SCMR = 0
Bit
Bit Name
Initial Value
R/W
7
TDRE
1
R/(W)*
6
RDRF
0
R/(W)*
5
ORER
0
R/(W)*
4
FER
0
R/(W)*
3
PER
0
R/(W)*
2
TEND
1
R
1
MPB
0
R
0
MPBT
0
R/W
Note: * Only 0 can be written, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com