Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 921 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 921 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 917Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 918Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 919Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 920Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 921Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 922Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 923Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 924Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 925Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 921 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 889 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
PER
0
R/(W)* Parity Error
Indicates that a parity error has occurred during reception
in asynchronous mode and the reception ends
abnormally.
[Setting condition]
• When a parity error is detected during reception
Receive data when the parity error occurs is
transferred to RDR, however, the RDRF flag is not
set. Note that when the PER flag is being set to 1, the
subsequent serial reception cannot be performed. In
clocked synchronous mode, serial transmission also
cannot continue.
[Clearing condition]
• When 0 is written to PER after reading PER = 1
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure
to read the flag after writing 0 to it.)
Even when the RE bit in SCR is cleared, the PER bit
is not affected and retains its previous value.
2
TEND
1
R
Transmit End
[Setting conditions]
• When the TE bit in SCR is 0
• When TDRE = 1 at transmission of the last bit of a
transmit character
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When a TXI interrupt request is issued allowing
DMAC or DTC to write data to TDR
1
MPB
0
R
Multiprocessor Bit
Stores the multiprocessor bit value in the receive frame.
When the RE bit in SCR is cleared to 0 its previous state
is retained.
0
MPBT
0
R/W
Multiprocessor Bit Transfer
Sets the multiprocessor bit value to be added to the
transmit frame.
Note:
*
Only 0 can be written, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com