Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 967 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 967 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 963Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 964Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 965Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 966Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 967Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 968Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 969Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 970Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 971Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 967 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 935 of 1468
REJ09B0412-0200
Yes
<End>
[1]
No
Initialization
Start transmission/reception
[5]
Error processing
[3]
Read receive data in RDR, and
clear RDRF flag in SSR to 0
No
Yes
ORER = 1
All data received?
[2]
Read TDRE flag in SSR
No
Yes
TDRE = 1
Write transmit data to TDR and
clear TDRE flag in SSR to 0
No
Yes
RDRF = 1
Read ORER flag in SSR
[4]
Read RDRF flag in SSR
Clear TE and RE bits in SCR to 0
[1] SCI initialization:
The TxD pin is designated as the
transmit data output pin, and the
RxD pin is designated as the
receive data input pin, enabling
simultaneous transmit and receive
operations.
[2] SCI state check and transmit data
write:
Read SSR and check that the
TDRE flag is set to 1, then write
transmit data to TDR and clear the
TDRE flag to 0. Transition of the
TDRE flag from 0 to 1 can also be
identified by a TXI interrupt.
[3] Receive error processing:
If a receive error occurs, read the
ORER flag in SSR, and after
performing the appropriate error
processing, clear the ORER flag to
0. Reception cannot be resumed if
the ORER flag is set to 1.
[4] SCI state check and receive data
read:
Read SSR and check that the
RDRF flag is set to 1, then read the
receive data in RDR and clear the
RDRF flag to 0. Transition of the
RDRF flag from 0 to 1 can also be
identified by an RXI interrupt.
[5] Serial transmission/reception
continuation procedure:
To continue serial transmission/
reception, before the MSB (bit 7) of
the current frame is received, finish
reading the RDRF flag, reading
RDR, and clearing the RDRF flag to
0. Also, before the MSB (bit 7) of
the current frame is transmitted,
read 1 from the TDRE flag to
confirm that writing is possible.
Then write data to TDR and clear
the TDRE flag to 0.
However, the TDRE flag is checked
and cleared automatically when the
DMAC or DTC is initiated by a
transmit data empty interrupt (TXI)
request and writes data to TDR.
Similarly, the RDRF flag is cleared
automatically when the DMAC or
DTC is initiated by a receive data
full interrupt (RXI) and reads data
from RDR.
Note:
When switching from transmit or receive operation to
simultaneous transmit and receive operations, first clear
the TE bit and RE bit to 0, then set both these bits to 1
simultaneously.
Figure 19.23 Sample Flowchart of Simultaneous Serial Transmission and Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com