Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 968 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 968 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 964Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 965Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 966Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 967Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 968Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 969Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 970Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 971Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 972Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 968 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 936 of 1468
REJ09B0412-0200
19.7
Operation in Smart Card Interface Mode
The SCI supports the smart card interface, supporting the ISO/IEC 7816-3 (Identification Card)
standard, as an extended serial communication interface function. Smart card interface mode can
be selected using the appropriate register.
19.7.1
Sample Connection
Figure 19.24 shows a sample connection between the smart card and this LSI. As in the figure,
since this LSI communicates with the smart card using a single transmission line, interconnect the
TxD and RxD pins and pull up the data transmission line to V
CC using a resistor. Setting the RE
and TE bits to 1 with the smart card not connected enables closed transmission/reception allowing
self diagnosis. To supply the smart card with the clock pulses generated by the SCI, input the SCK
pin output to the CLK pin of the smart card. A reset signal can be supplied via the output port of
this LSI. (In SCI_5 and SCI-6, the clock generated in SCI cannot be provided to smart cards.)
TxD
RxD
This LSI
VCC
I/O
Main unit of the device
to be connected
IC card
Data line
CLK
RST
SCK
Rx (port)
Clock line
Reset line
Figure 19.24 Pin Connection for Smart Card Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com