Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 972 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 972 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 968Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 969Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 970Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 971Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 972Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 973Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 974Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 975Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 976Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 972 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 940 of 1468
REJ09B0412-0200
19.7.5
Initialization
Before transmitting and receiving data, initialize the SCI using the following procedure.
Initialization is also necessary before switching from transmission to reception and vice versa.
1. Clear the TE and RE bits in SCR to 0.
2. Set the ICR bit of the corresponding pin to 1.
3. Clear the error flags ERS, PER, and ORER in SSR to 0.
4. Set the GM, BLK, O/
E, BCP1, BCP0, CKS1, and CKS0 bits in SMR appropriately. Also set
the PE bit to 1.
5. Set the SMIF, SDIR, and SINV bits in SCMR appropriately. When the DDR corresponding to
the TxD pin is cleared to 0, the TxD and RxD pins are changed from port pins to SCI pins,
placing the pins into high impedance state.
6. Set the value corresponding to the bit rate in BRR.
7. Set the CKE1 and CKE0 bits in SCR appropriately. Clear the TIE, RIE, TE, RE, MPIE, and
TEIE bits to 0 simultaneously.
When the CKE0 bit is set to 1, the SCK pin is allowed to output clock pulses.
8. Set the TIE, RIE, TE, and RE bits in SCR appropriately after waiting for at least a 1-bit
interval. Setting the TE and RE bits to 1 simultaneously is prohibited except for self diagnosis.
To switch from reception to transmission, first verify that reception has completed, then initialize
the SCI. At the end of initialization, RE and TE should be set to 0 and 1, respectively. Reception
completion can be verified by reading the RDRF, PER, or ORER flag. To switch from
transmission to reception, first verify that transmission has completed, then initialize the SCI. At
the end of initialization, TE and RE should be set to 0 and 1, respectively. Transmission
completion can be verified by reading the TEND flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com